Part Number Hot Search : 
NJG1552F AO30D SEC1903C TXB010 F2513RU MC14597 H8S2268 20A40FC
Product Description
Full Text Search
 

To Download 0901512160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0901512160 Active
cgrid__sl_products 2.54mm (.100") Pitch C-Grid IIITM PC Board Connector, Dual Row, Vertical, 60 Circuits
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Overview Product Name PCB Receptacles 90151 Board-to-Board cgrid__sl_products C-Grid IIITM
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Temperature Range - Operating Termination Interface: Style 60 Black No No None No Phosphor Bronze Tin Tin Polyester 2 Vertical 0.114 In 2.90 mm No None 0.062 In 1.60 mm Tube 0.100 In 2.54 mm 40 1.00 40 1.00 No -55C to +125C Through Hole
Search Parts in this Series 90151Series Mates With 0.64mm (.025") square pins
Electrical
Current - Maximum per Contact Grounding to PCB Voltage - Maximum 3A No 350V
Material Info Reference - Drawing Numbers
Sales Drawing SDA-90151
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0901512160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X